PART |
Description |
Maker |
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
74ALVCH32245 74ALVCH32245LB 74ALVCH32245LBR |
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 32 BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 32 BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
STMicroelectronics ST Microelectronics
|
74VCX162244 |
LOW VOLTAGE CMOS 16-BIT BUS BUFFER
|
ST Microelectronics
|
74LCXH16245 74LCXH16245G 74LCXH16245MTD 74LCXH1624 |
BUS TRANSCEIVER|DUAL|8-BIT|LCX-CMOS|BGA|54PIN|PLASTIC LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA54 Low Voltage 16-Bit Bidirectional Transceiver with Bushold Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCXR162601 74VCXR162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列的输出电阻 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs ALVC/VCX/A SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74VCXH162245TTR |
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|
74LCX162244 74LCX162244TTR |
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
74LCX16244 74LCX16244TTR |
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
STMicroelectronics
|
74LCXHR162245TTR 74LCXHR162245 |
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
|
STMICROELECTRONICS[STMicroelectronics]
|
74ALVC2245 74ALVC2245MTC 74ALVC2245WM 74ALVC2245MT |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26?Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in B Outputs BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|TSSOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|SOP|20PIN|PLASTIC Dual J-K Negative-Edge-Triggered Flip-Flops With Clear and Preset 16-PDIP -40 to 85 ALVC/VCX/A SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation 总线收发 Fairchild Semiconductor, Corp.
|
74LVTH16501 74LVTH16501MTD 74LVTH16501MEA 74LVTH16 |
8K SPI 1K X 8, 17B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE LVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|